PART |
Description |
Maker |
XC2VP30 |
(XC2VPxxx) Platform Flash In-System Programmable Configuration PROMS
|
Xilinx
|
SA-1100 27817401 |
StrongARM Microprocessor Evalutation Platform From old datasheet system
|
Intel
|
IRMCS203107 |
Complete Sensorless Drive Design Platform iMOTIONTM Development System
|
International Rectifier
|
IRMCS2011 |
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
|
IRF[International Rectifier]
|
R5F10EGEAFB R5F10EGEANA R5F10EBEANA R5F10ELDAFB R5 |
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 μA/MHz, and 0.57 μA for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
|
Renesas Electronics Corporation
|
SST27SF512-70-3C-NG SST27SF512-70-3C-WH SST27SF512 |
(SST27SFxxx) 256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 12V PROM, 70 ns, PDIP28 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 32K X 8 FLASH 12V PROM, 70 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 32K X 8 FLASH 12V PROM, 70 ns, PDIP28 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 32K X 8 FLASH 12V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 12V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 12V PROM, 90 ns, PDIP28 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 12V PROM, 90 ns, PDIP28 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 12V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
GLS37VF040-70-3C-NHE SST37VF020-70-3C-PHE SST37VF0 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 128K X 8 FLASH 2.7V PROM, 70 ns, PDIP32
|
SILICON STORAGE TECHNOLOGY INC
|
KS88P2148 KS88C2148 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
Samsung semiconductor
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AT90S8535 AT90S8535-8AC AT90S8535-8AI AT90S8535-8J |
8-Bit microcontroller with 4K bytes in-system programmable flash, 4.0-6.0V pover supply, 8MHz speed -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQCC44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-Bit microcontroller with 8K bytes in-system programmable flash, 4.0-6.0V pover supply, 8MHz speed
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
XC95216-15BG352C XC95216-15BG352I XC95216-15HQ208C |
XC95216 In-System Programmable CPLD FLASH PLD, 10 ns, PQFP160 XC95216 In-System Programmable CPLD FLASH PLD, 10 ns, PQFP208 XC95216 In-System Programmable CPLD FLASH PLD, 15 ns, PQFP208 GT 5C 5#16S PIN PLUG FLASH PLD, 10 ns, PQFP208 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:12; Connector Shell Size:28; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Product Specification From old datasheet system XC95216: 5V ISP CPLD Family
|
Xilinx, Inc. XILINX[Xilinx, Inc]
|
W28F321TSOP W28F321 |
NVM > Flash> High Density Flash Memory From old datasheet system
|
Winbond
|
|