PART |
Description |
Maker |
XC2C64A-5VQG44C XC2C64A-7VQG100C XC2C64A-5VQG100C |
XC2C64A CoolRunner-II CPLD 64 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 5 ns, PQFP44
|
XILINX INC Xilinx, Inc.
|
XC2C256-7TQG144C XC2C256-7TQG144I XC2C256-7FTG256C |
CoolRunner-II CPLD
|
Xilinx, Inc
|
XC95144 XC95144-15 95144 XC95144-7PQ100C XC95144-7 |
XC95144 In-System Programmable CPLD XC95144: 5V ISP CPLD Family From old datasheet system Product Specification XC95144 In-System Programmable CPLD FLASH PLD, 10 ns, PQFP160
|
XILINX[Xilinx Inc] XILINX[Xilinx, Inc] Xilinx, Inc.
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
XC9536-5VQ44C XC9536 XC9536-10 XC9536-10CS48C XC95 |
XC9536: 5V ISP CPLD Family Product Specification From old datasheet system XC9536 In-System Programmable CPLD FLASH PLD, 5 ns, PBGA48 XC9536 In-System Programmable CPLD XC9536在系统可编程的CPLD XC9536 In-System Programmable CPLD FLASH PLD, 10 ns, PQCC44 XC9536 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
ATF1508RE-7AU100 ATF1508RE-5AX100 |
128 MC CPLD, 3.3V ISP CPLD, 100-pin TQFP(EPLD) EE PLD, PQFP100 Highperformance CPLD
|
Atmel, Corp. ATMEL Corporation
|
XC9500XL |
XC9500XL High-Performance CPLD Family
|
XILINX
|
CY7C373 CY7C373I CY7C373I-100AI CY7C373I-125AC CY7 |
UltraLogic 64-Macrocell Flash CPLD UltraLogic⑩ 64-Macrocell Flash CPLD UltraLogic 64-Macrocell Flash CPLD UltraLogic64-Macrocell Flash CPLD UltraLogic4宏单元CPLD的闪 FLASH PLD, 12 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 |
IC,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTIC IC,EPLD, ALTERA,3256A,144TQFP IC MAX 7000 CPLD 192 160-PQFP IC MAX 7000 CPLD 256 100-TQFP IC MAX 7000 CPLD 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
XC2C32A |
The CoolRunner-II 32-macrocell device
|
XILINX
|
|