PART |
Description |
Maker |
AD8512BRZ-REEL |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
|
Analog Devices
|
AD8510BR AD8510AR AD8510AR-REEL AD8510AR-REEL7 AD8 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 AC 7C 7#16S PIN RECP DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision/ Very Low Noise/ Low Input Bias Current/ Wide Bandwidth JFET Operational Amplifiers
|
ANALOG DEVICES INC http:// Analog Devices, Inc. AD[Analog Devices]
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
ADA4637-1 ADA4637-1ARZ ADA4637-1ARZ-R7 ADA4637-1AR |
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
|
Analog Devices
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
74VCX132 74VCX132MTC 74VCX132M |
Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX08BQX 74LCX08MT 74LCX08MTCX 74LCX08MTR 74LCX0 |
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs 低电压四2输入与门的输入与5V容限 Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AD8674ARUZ AD8674ARZ AD8674AR-REEL AD8674AR-REEL7 |
Dual Precision Very Low Noise Low Input Bias Current Operational Amplifier Quad Precision Very Low Noise Low Input Bias Current Operational Amplifier
|
Analog Devices
|
MAX15030 MAX15030ATB MAX15029ATB |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|
AD8671ARZ-REEL AD8672ARZ AD8672AR-REEL AD8672ARZ-R |
Single Precision Very Low Noise, Low Input Bias Current, Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 125 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual Precision Very Low Noise, Low Input Bias Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ISL281660808 ISL28266FUZ-T7 |
39渭A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps 39楼矛A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
Intersil Corporation
|