PART |
Description |
Maker |
WM2630 WM2630IDT WM2630CDT |
OCTAL 12-BIT VOLTAGE OUTPUT DAC WITH INTERNAL REFERENCE Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
|
WOLFSON[Wolfson Microelectronics plc]
|
WM2632IDT WM2632 WM2632CDT |
OCTAL 8-BIT, SERIAL INPUT DAC WITH INTERNAL REFERENCE Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence BOX 6.88X4.88X1.51 9V BLK 八进位,串行输入,电压输出DAC内部Rererence
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7839 AD7839AS |
Octal 13-Bit, Parallel Input, Voltage-Output DAC
|
AD[Analog Devices]
|
AN8150FB |
Octal, high precision 13-bit voltage output DAC
|
Panasonic Semiconductor
|
MAX559004 MAX5594EUG MAX5592EUG |
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
|
Maxim Integrated Products
|
AD5328 AD5308 3601 |
2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP From old datasheet system
|
Analog Devices
|
74ABT652A 74ABT652AD 74ABT652ADB 74ABT652AN 74ABT6 |
Octal transceiver/register, non-inverting (3-State) Octal transceiver/register, non-inverting 3-State Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output Dual 4-input positive-NAND gates 14-PDIP 0 to 70 ABT SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDIP24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AD5330 AD5331 AD5320 AD5310 AD5340 AD5341 AD5311 A |
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
|
Analog Devices
|
MAX501 MAX501ACNG MAX501ACWG MAX501AENG MAX501AEWG |
RELAY 电压输出2位乘法数模转换器 JT 15C 14#20 1#16 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Voltage-Output / 12-Bit Multiplying DACs Voltage-Output 12-Bit Multiplying DACs Voltage-Output, 12-Bit Multiplying DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
CBT3245APW CBT3245A CBT3245ABQ CBT3245AD CBT3245AD |
CBT3245A; Octal bus switch Octal bus switch; Package: SOT764-1 (DHVQFN20); Container: Reel Pack, SMD, 7" CBT/FST/QS/5C/B SERIES, OCTAL 1-BIT DRIVER, TRUE OUTPUT, PQCC20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|