PART |
Description |
Maker |
SCX100AN SCX100DN |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
CPCL04DC CPCL04DFC CPCL04GC CPCL04GFC CPCL10DFC CP |
Precision compensated pressure sensors / mV-output
|
Sensortechnics GmbH
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MPX4250A |
MPX4250A Integrated Silicon Pressure Sensor Manifold Absolute Pressure On-Chip Signal Conditioned Temperature Compensated and Calibrated
|
Motorola
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
MPX2200GVP MPX2200 MPX2200A MPX2200A_D MPX2200AP M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, BARREL, THROUGH HOLE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
MPX4101A |
PubLcl_rm_rid="@1JK4dc"MPX4101APubLcl_rm_rid="@1JK4dd"Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
Motorola
|
SCXL010DN SCXL SCXL004DN |
Microstructure Pressure Sensors Precision Compensated 0 in H2O to 4 in H2O and 0 in H2O to 10 in H2O
|
Honeywell Solid State Electronics Center Honeywell International Inc.
|
SC4000 |
Universal Timeslot Interchange Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
NXP Semiconductors Philips Semiconductors
|
SC802-09 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Absolute, flush mount with flange, 10 Vdc excitation SCHOTTKY BARRIER DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
5962-9559201MEA AD677-EB AD677 AD677KD AD677JD AD6 |
16-Bit 100 kSPS Sampling ADC 16-Bit, Serial, 100 kSPS Sampling ADC. Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/4 BSPP, 10 Vdc excitation
|
Analog Devices, Inc.
|
|