PART |
Description |
Maker |
UF1A-UF1M HS1A-HS1M UF1J |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
UF2A-UF2M HS2A-HS2M HS2K UF2A UF2J |
Glass Ultrafast Recovery Rectifiers Glass High Efficiency Rectifiers SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
|
HY ELECTRONIC CORP.
|
P600AG-P600MG |
Glass General Rectifiers
|
HY
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
GF1A- GBU1A GBU1B GBU1D GBU1G GBU1J GBU1K GBU1M GF |
1.0 Ampere Glass Passivated Rectifiers(玻璃钝化整流器(平均整流电流1A,重复反相电压峰00V)) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-214AC 1.0 Ampere Glass Passivated Rectifiers(玻璃钝化整流器(平均整流电流1A,重复反相电压峰0V))
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PDR5G1 PDR5G PDR5G-13 |
Discrete - Rectifiers (0.5A and higher) - Standard Rectifiers 5A GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
EGP10A- EGP10K EGP10A EGP10B EGP10C EGP10D EGP10F |
-1.0 Ampere Glass Passivated High Efficiency Rectifiers 1.0 Ampere Glass Passivated High Efficiency Rectifiers(平均整流电流1.0安培高效率玻璃钝化整流器) 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
GBPC2501 GBPC35005 GBPC25005 GBPC25 GBPC2510 GBPC3 |
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Dual General-Purpose Operational Amplifier 8-TSSOP 0 to 70 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 大电5,25,35,安培。单相桥式整流器玻璃钝化 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 0.8 to 1.8-V 8-A, 12-V Input Non-Isolated Wide-Adjust SIP Module 8-SIP MODULE -40 to 85 大电5,25,35,安培。单相桥式整流器玻璃钝化 1.5 A, Wide Input, Non-Isolated, Wide Negative Output Adjust Module 5-DIP MODULE 10 A 12-V Input Bus Termination Power Module for DDR/QDR Memory 10-DIP MODULE -40 to 85 6-A Wide-Input Voltage Adjustable Switching Regulator 7-DIP MODULE -40 to 85 HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 8 A, 3.3-V Input Non-Isolated Wide-Output Adjust w/Auto-Track 8-SIP MODULE -40 to 85
|
Surge Components, Inc. Shanghai Sunrise Electronics SURGE[Surge Components]
|
NSB8DT NSB8MT NSB8AT NSB8BT NSB8GT NSB8JT NSB8KT |
Glass Passivated General Purpose Plastic Rectifier(钝化玻璃通用塑胶整流 玻璃钝化整流通用塑料(钝化玻璃通用塑胶整流器) GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER 玻璃钝化整流通用树脂
|
GE Security, Inc. GE[General Semiconductor]
|
HER801-HER806 HER802 HER806 HER807 HER803 HER801 |
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers
|
HY ELECTRONIC CORP.
|