PART |
Description |
Maker |
TDA8942P TDA8942 |
2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier 2 x 1.5 W stereo Bridge Tied Load (BTL) audio amplifier
|
Philips Semiconductors NXP Semiconductors
|
TDA8943 TDA8943SF |
6 W mono Bridge Tied Load BTL audio amplifier
|
PHILIPS[Philips Semiconductors]
|
ISL6622A ISL6610 ISL6610A ISL6612 ISL6612A ISL6614 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
|
Intersil Corporation
|
DF005S DF005M DF10S DF01M DF01S DF02M DF02S DF04M |
1000V Bridge in a D-71 package 800V Bridge in a D-71 package 400V Bridge in a D-71 package 200V Bridge in a D-71 package 100V Bridge in a D-71 package 50V Bridge in a D-71 package 600V Bridge in a D-71 package 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
|
IRF[International Rectifier]
|
ISL6334AIRZR5368 ISL6334ACRZR5368 ISL6334AR5368 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
2KBP02 2KBP04 2KBP10 2KBP 2KBP005 2KBP01 2KBP06 2K |
800V Bridge in a D-44 package 600V Bridge in a D-44 package 1000V Bridge in a D-44 package 400V Bridge in a D-44 package 200V Bridge in a D-44 package 100V Bridge in a D-44 package 50V Bridge in a D-44 package Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 1%; Series:CD30; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica 2A single phase rectifier bridge 2A单相整流
|
IRF[International Rectifier] International Rectifier, Corp.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
26MB40A 36MB80A 35AMB12026MB 25AMB12026MB 35AMB120 |
SINGLE PHASE BRIDGE 单相桥式 4-Pole Solid State Relay w/o Protection SCR 单相桥式 IC REG LDO 1.0A 1.8V TO-252 IC DAA LITELINK III FW RING DET 3.3V TUBED equipment to provide connection and isolation to/from the public telephone network 50V Bridge in a D-34A package SINGLEPHASEBRIDGE 100V Bridge in a D-34A package 1200V Bridge in a D-34A package 400V Bridge in a D-34A package 600V Bridge in a D-34A package 800V Bridge in a D-34A package 1000V Bridge in a D-34A package
|
International Rectifier, Corp. InternationalRectifier IRF[International Rectifier]
|
NCP45524 |
ecoSWITCH Advanced Load Management: 6A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge
|
ON Semiconductor
|
NCP4543 |
NCP4543 Datasheet - ecoSWITCH™ Advanced Load Management: 7.3A Integrated Load Switch w/ Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-6V, Adj. Slew Rate, Adj. Discharge, Adj. Turn-On Delay
|
ON Semiconductor
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
FTD2015 |
Load Switching Applications 负荷开关应 N-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|