PART |
Description |
Maker |
TDA7266MA |
7W MONO BRIDG AMPLIFIER
|
STMicroelectronics
|
BR8005-BR810 BR802 BR806 |
SILICON BRIDGE RECTIFIERS Silicon Passivated Table Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
BR6005-BR610 BR608 BR601 |
SILICON BRIDGE RECTIFIERS Silicon Passivated Table Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
GL34K |
MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
美丽微半导体有限公司
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
BR6005G-BR610G BR6005G |
GLASS PASSIVATED BRIDGE RECTIFIERS Glass Passivated Table Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
MP8005G-MP810G MP8005G |
GLASS PASSIVATED BRIDGE RECTIFIERS Glass Passivated Table Bridge Rectifiers
|
HY ELECTRONIC CORP.
|
1A7G 1A1G 1A2G 1A3G 1A4G 1A5G 1A6G |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON[Rectron Semiconductor] PanJit International, Inc.
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
UG2001 UG2002 UG2003 UG2004 UG2005 |
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER 2 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 (UG2001 - UG2005) 2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|