PART |
Description |
Maker |
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
M30621MCM-F52GP M30621MCM-5P4GP M30621MCM-F40GP M3 |
RESISTOR, 330 (5V LED DROP) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
4551GROUP E4551 M34551M8 M34551 M34551E8 M34551M4 |
4-BIT SINGLE-CHIP MICROCOMPUTER From old datasheet system SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER FOR INFRARED REMOTE CONTROL TRANSMITTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M37708S1LGP M37702S1LHP M37708S1LHP M37702M2L-249H |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 Single Chip 16 Bits CMOS Microcomputer(16位单片机) 单片微机16位的CMOS6位单片机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
R5F21244SDFP R5F21244SDXXXFP R5F21244SDXXXLG R5F21 |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP52 SINGLE-CHIP 16-BIT CMOS MCU SINGLE-CHIP 16-BIT CMOS MCU
|
Renesas Electronics Corporation
|