PART |
Description |
Maker |
LTC3548AEDDTRPBF LTC3548AIDDTRPBF |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 125°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: 10-DFN; Temperature Range: –40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3548IDDTRPBF |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3407-2-15 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
1002AS MP2109DQ CDRH3D16 CR32-100 CR54-100 DO1605T |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
LTC3407-4 LTC3407EDD-4 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3407-4 |
Dual Synchronous 800mA 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
MIC23250-GFHYMT MIC23250-SKYMT MIC23250-S4YMT MIC2 |
4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
|
Micrel Semiconductor
|
LTC3522EUD |
Synchronous 400mA Buck-Boost and 200mA Buck Converters 0.85 A DUAL SWITCHING CONTROLLER, 1330 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
AIC2300 AIC2300-18GV5 |
400mA Synchronous PWM Step-Down
|
Analog Intergrations Co...
|
EP5388QI |
800mA Synchronous Buck Regulator
|
Enpirion
|
LTC3538 |
800mA Synchronous Buck-Boost DC/DC Converter
|
Linear Technology Corporation
|