PART |
Description |
Maker |
XC4020XLA-09BG256I XC4020XLA-08PQ160C XC4020XLA-08 |
Tip/ring filter, tip/ring, SMT, RoHS Wirewound - Ceramic Boat - CB 10 3 5% B 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Toroidal Surface Mount Inductors Super Kit, 0603CS chip inductors, 5% tol, RoHS LC filter, low pass, SMT, RoHS Combination line filter choke, not RoHS FieldProgrammableGateArray(FPGA)
|
Advanced Analogic Technologies, Inc. NXP Semiconductors N.V. Vectron International, Inc. Sony, Corp. PLX Technology, Inc. Xilinx, Inc. Lattice Semiconductor, Corp.
|
IHM2EB100K IHM-206 |
Filter Inductors
|
Vishay Siliconix
|
IH05EB100K |
Filter Inductors
|
Vishay Siliconix
|
IHD1EBXXXL IHD1EB153L IHD1ERXXXL |
(IHD Series) Filter Inductors
|
Vishay Intertechnology
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
SRF2012-900Y SRF2012-221Y SRF2012-371Y SRF2012-361 |
SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.33 A, FERRITE CHIP SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.31 A, FERRITE CHIP SRF2012 Series - Common Mode Chip Inductors
|
Bourns, Inc. Bourns Electronic Solutions
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
8400-XXX 8400-330 8400-33G 8400-331 8400-102 8400- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
ELJPAR22DF ELJPAR22JF ELJPAR22KF ELJPAR22MF ELJPC6 |
High Power Type PF, PE, PC, PA, PB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
8405-15G 8405-100 8405-101 8405-102 8405-10G 8405- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
8400-101 8400-15G 8400-221 8400-22G 8400-XXX 8400- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
TFS70H23 |
Filter specification 1 FUNCTIONS, 70.01 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
|