PART |
Description |
Maker |
HES16B-065250 HES16C-065250 HES16B-150120 HES16B H |
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
3555 |
Schnelle Prüfung des Alterungszustands von Akkus
|
ASM GmbH
|
2A06 2A01 2A05 2A02 2A07 2A03 2A04 |
2.0A RECTIFIER MC24E3 Std. Unit FAN, 127X127X38MM, 24VDC; Series:Galaxy; Flow rate, imperial:195cu.ft/min; Length / Height, external:127mm; Width, external:127mm; Depth, external:38mm; Power consumption:31.2W; Noise:59.8dB; Voltage, supply DC:24V dc; Approval RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes Inc.
|
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
SLE66CX320P |
Engine and 64-Bit DES accelerator(16位安全控制器(B>64-KB ROM,3K RAM, 32KB EEPROM))
|
SIEMENS AG
|
MAX3222 MAX3222CAP MAX3222CPN MAX3222CUP MAX3222CW |
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors 3.0V to 5.5V Low-Power up to 1Mbps True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1レF External Capacitors 3.0V to 5.5V / Low-Power / up to 1Mbps / True RS-232 Transceivers Using Four 0.1F External Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
RC-147 |
Half-size Wallmount Chassis
|
BOSER Technology
|
|