PART |
Description |
Maker |
MIC5320-SKYD6 MIC5320-SKYMT MIC5320-JGYMT MIC5320- |
High-Performance Dual 150mA μCap ULDO Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO6 High-Performance Dual 150mA μCap ULDO? High-Performance Dual 150mA μCap ULDO?
|
Micrel Semiconductor, Inc.
|
MIC5393-3.3 MIC5393-3.0 MIC5393-2.8 MIC5392-3.3 MI |
High-Performance Dual 150mA LDO
|
Micrel Semiconductor
|
FSP2150 FSP2150CAAD FSP2150CBAD |
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
|
FOSLINK SEMICONDUCTOR CO.,LTD
|
AAT3218IJS-1.25-T1 |
150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
MIC5380-2.85_1.8YFT MIC5380-3.0_3.0YFT MIC5380-2.6 |
FIXED POSITIVE LDO REGULATOR, QCC6 1 X 1 MM, GREEN, MLF-6 High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
|
Micrel Semiconductor, Inc.
|
MIC5333-MNYMT MIC5333-J4YMT MIC5333-MMYMT MIC5333- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 2.50 X 2.50 MM, MLF-10 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 2.50 X 2.50 MM, MLF-10 Micro-Power High Performance Dual 300mA ULDO?/a> with Dual POR Micro-Power High Performance Dual 300mA ULDO with Dual POR Micro-Power High Performance Dual 300mA ULDO⑩ with Dual POR
|
Micrel Semiconductor, Inc.
|
MIC5332-2.8YMT MIC5332-2.85YMT MIC5332-2.5YMT MIC5 |
Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|