PART |
Description |
Maker |
AM29DL162DT120WCE AM29DL162DT120WCEN AM29DL163DB12 |
400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6792 with Standard Packaging x8/x16 Flash EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRLF120 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF310 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY140CM with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a D3 package; A IRFMJ044 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9140CM with Standard Packaging x8/x16闪存EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5YZ48CM with Standard Packaging x8/x16闪存EEPROM 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6786 with Standard Packaging EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y9540CM with Standard Packaging x8/x16闪存EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9130 with Standard Packaging x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6782U with Standard Packaging x8/x16闪存EEPROM 1000V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAG40 with Standard Packaging EEPROM
|
PLX Technology, Inc.
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
NTD5406NT4G NTD5406N |
Power MOSFET, 40 V, 70 A, Single N-Channel Power MOSFET 40 V, 70 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12.2 A, 40 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM605 |
High Current, High Voltage 1000V , 10 Amp N-Channel, MOSFET, High Energy Capability(大电流,高电压,1000V , 10A,N沟道,MOS场效应管(高能容量)) 高电流,高电000V0安培N沟道,MOSFET的高能能力(大电流,高电压,1000V0A条,沟道来说,MOS场效应管(高能容量) HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on) 500V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 600V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-267AA package
|
International Rectifier
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
FDN336P FDN336 FDN336PNL |
Single P-Channel Logic Level PowerTrench MOSFET Single P-Channel 2.5V Specified PowerTrench TM MOSFET Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
NTD95N02R NTD95N02R-001 NTD95N02R-001G NTD95N02RG |
Power MOSFET 24V, 95 A, N-Channel Single DPAK Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24V, 95 A, N-Channel Single DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 32 A, 24 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 95 Amps, 24 Volts N−Channel DPAK
|
ON Semiconductor
|
IRF5EA1310 IRF5EA1310PBF |
23 A, 100 V, 0.036 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 100V Single N-Channel Hi-Rel MOSFET in a 28-pin LCC package
|
International Rectifier
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|