PART |
Description |
Maker |
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM605 |
High Current, High Voltage 1000V , 10 Amp N-Channel, MOSFET, High Energy Capability(大电流,高电压,1000V , 10A,N沟道,MOS场效应管(高能容量)) 高电流,高电000V0安培N沟道,MOSFET的高能能力(大电流,高电压,1000V0A条,沟道来说,MOS场效应管(高能容量) HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on) 500V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 600V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-267AA package
|
International Rectifier
|
ULS-2812H-883 ULS-2802H-883 ULS-2012H-883 ULS-2022 |
N-CHANNEL 100V - O.33 Ohm - 2A SOT-223 STRIPFET POWER MOSFET N-channel 500V - 2.5O - 4A - TO-220 PowerMESH II MOSFET Single exclusive OR gate Single bus buffer (3-state) SINGLE 8 CHANNEL ANALOG MULTIPLEXERS-DEMULTIPLEXERS Single 2-input OR gate ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS GPS PROCESSOR 八进制外设驱 Quad 2-input nand gate 2输入与非 Single inverter 单反相器 N-channel 100V - 0.32 O - 5A - TO-251/TO-252 STripFET™ Power MOSFET
|
Allegro MicroSystems, Inc. Panasonic, Corp.
|
IRHN7150 JANSF2N7268U JANSH2N7268U IRHN3150 IRHN41 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package CORD, COILED, 10MM STUD-4MM SKT, 4M; Length, lead:4m RoHS Compliant: NA RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1) 抗辐射功率MOSFET表面贴装系统(SMD - 1
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
FDN336P FDN336 FDN336PNL |
Single P-Channel Logic Level PowerTrench MOSFET Single P-Channel 2.5V Specified PowerTrench TM MOSFET Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
STB55NE06 5405 |
N-Channel Enhancement Mode "SINGLE FEATURE SIZETM " Power MOSFET(N沟道增强模式功率MOSFET) N沟道增强模式“的单一的功能SIZETM”功率MOSFET(不适用沟道增强模式功率MOSFET的) N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|