PART |
Description |
Maker |
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
OM6017SA OM6018SA OM6019SA OM6020SA OM6019SW OM602 |
200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 500V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V单N沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Microsemi, Corp.
|
NTD4863N-35G NTD4863N--1G NTD4863N--35G NTD4863NAT |
Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK Power MOSFET 25V, 46A, Single N-Channel 9.2 A, 25 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
COM450A COM150A COM250A |
200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 30V N-Channel PowerTrench MOSFET 100V , 25Amp, N-Channel MOSFET(100V ,25 A,N沟道MOS场效应管) 500V , 10Amp, N-Channel MOSFET(500V ,10A,N沟道MOS场效应管) 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
Omnirel International Rectifier
|
NTMFS4120N NTMFS4120NT1G NTMFS4120NT3G |
Power MOSFET 30 V, 31 A, Single N-Channel SO-8 Flat Lead ; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 11000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
|
ON Semiconductor
|
FDN336P FDN336 FDN336PNL |
Single P-Channel Logic Level PowerTrench MOSFET Single P-Channel 2.5V Specified PowerTrench TM MOSFET Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IRHF8130 IRHF3130 IRHF4130 IRHF7130 JANSF2N7261 JA |
30V N-Channel PowerTrench MOSFET RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39) 100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package
|
IRF[International Rectifier]
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
NTD78N03-35G NTD78N03T4G NTD78N03-1G NTD78N03.1G N |
Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: 3 IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 25 V, 78 A, Single N-Channel, DPAK; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 Power MOSFET 25 V, 78 A, Single N?Channel, DPAK
|
ON Semiconductor
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
STB55NE06 5405 |
N-Channel Enhancement Mode "SINGLE FEATURE SIZETM " Power MOSFET(N沟道增强模式功率MOSFET) N沟道增强模式“的单一的功能SIZETM”功率MOSFET(不适用沟道增强模式功率MOSFET的) N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|