PART |
Description |
Maker |
TMC-4F20 |
VCSEL TO-46 metal can for gener al purpose
|
Electronic Theatre Controls, Inc.
|
TSM-3E20 |
From old datasheet system VCSEL for gener al purpose
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
2SK4183 |
N-Channel Silicon MOSFET General-Purpose Switching Device Applications 13 A, 525 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
ECH8602M |
6 A, 30 V, 0.031 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET
|
Sanyo Semicon Device
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
|