PART |
Description |
Maker |
FMM75-01F |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM From old datasheet system
|
IXYS[IXYS Corporation]
|
IXFF24N100 IXYSCORP-IXFF24N100 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
|
IXYS Corporation
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|
KSA1943O |
13 A, 230 V, PNP, Si, POWER TRANSISTOR, TO-264
|
FAIRCHILD SEMICONDUCTOR CORP
|
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|
OM60N06SA OM50N05SA OM50N05ST OM50N06SA OM50N06ST |
60V Single N-Channel Hi-Rel MOSFET in a D3 package 60V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 50V Single N-Channel Hi-Rel MOSFET in a TO-254AA package LOW VOLTAGE, LOW RDS(on) POWER MOSFETS IN HERMETIC ISOLATED PACKAGE 50V Single N-Channel Hi-Rel MOSFET in a D3 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
IRF[International Rectifier]
|
DVP-7632HE |
4-ch H.264 Low-Power PCIe Video Capture Card with SDK
|
Advantech Co., Ltd.
|
RS0400 |
Front-End Power Supplies:85 Vac to 264 Vac Input; 48 Vdc to 56 Vdc Output; 400 W(前端电源:85V64V交流输入; 48V6V直流输出00 W功率) Front-End Power Supplies:85 Vac to 264 Vac Input; 48 Vdc to 56 Vdc Output; 400 W(前端电源:85V64V交流输入; 48V6V直流输出400 W功率) 前端电源5 VAC64 VAC输入8伏到56伏直流输出,400瓦(前端电源5V64V交流输入8V电压6V直流输出400瓦功率)
|
Lineage Power, Corp.
|
OM5234ST OM5203DT OM5203RT OM5203ST OM5233DT OM523 |
16 Amp, 50 To 600 Volts, 35 To 50 ns trr 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package Center-Tapped Positive (CC) HS Rectifier From old datasheet system HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 8 A, SILICON, RECTIFIER DIODE, TO-257AA HERMETIC SEALED, METAL, TO-257AA, 3 PIN
|
List of Unclassifed Manufac... International Rectifier List of Unclassifed Manufacturers Omnirel Corp ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
IXER60N12006 |
NPT3 IGBT in ISOPLUS 247
|
IXYS Corporation
|