PART |
Description |
Maker |
BAW56 |
350mW 75Volt Dual Switching Diode
|
Micro Commercial Components Corp.
|
RMPA39100 |
37 - 40 GHz 1 Watt Power Amplifier MMIC 37-40 GHz 1 Watt Power Amplifier MMIC DIODE SWITCHING DUAL-DUAL SERIES 240V 225mA-Io 350mW 50ns-trr SOT-26 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
CMPZDA11V CMPZDA10V CMPZDA18V CMPZDA4V3 CMPZDA5V6 |
surface mount silicon Zener diodes 11 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW/ 5% TOLERANCE
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
RJK4512DPE-00-J3 RJK4512DPE |
Silicon N Channel MOS FET High Speed Power Switc
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
BAV99BRW13 |
200mW 75Volt Plastic-Encapsulate Diode
|
Micro Commercial Components
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IDT74FCT139 IDT74FCT139A IDT74FCT139AD IDT74FCT139 |
DIODE ZENER SINGLE 350mW 3.3Vz 20mA-Izt 0.05 25uA-Ir 1 SOT-23 3K/REEL 快速CMOS中,4解码器,具备启动 FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE 有“使能”的快速CMOS译码 FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
ACS21MS 5962F9862901V9A 5962F9862901VCC 5962F98629 |
AC SERIES, DUAL 4-INPUT AND GATE, UUC14 Radiation Hardened Dual 4-Input AND Gate AC SERIES, DUAL 4-INPUT AND GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
TC5012BP TC5048AP TC4528BP TC4528BFN |
5000 SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 5000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 17-BIT UP BINARY COUNTER, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDSO16
|
|
MIC-5333N-P02 MIC-5333N-P01 MIC-5333M-P01 MIC-5333 |
AdvancedTCA, Dual Socket CPU Blade with Intel? Xeon? E5 Series Processors, Dual-Dual 40G Fabric Interface and Acceleration Support
|
Advantech Co., Ltd.
|
BZX84C47 BZX84C43 BZX84C51 |
350mW SURFACE MOUNT ZENER DIODE
|
DIODES[Diodes Incorporated]
|
CJ3401-HF |
Halogen Free MOSFET, V-DS=-30V, I-D=-4.2A, P-D=350mW
|
Comchip Technology
|