PART |
Description |
Maker |
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
NTE922SM NTE922 NTE922M |
COMPARATOR, 10000 uV OFFSET-MAX, 200 ns RESPONSE TIME, PDSO8 Integrated Circuit Voltage Comparator
|
NTE[NTE Electronics]
|
JV1210ML220A JV1210ML260A JV1210ML121A JV1210ML450 |
10.0mV Quad CMOS Voltage Comparator w/ Open Drain Driver, 14L SOIC VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity) 10.0mV Quad CMOS Voltage Comparator w/ Open Drain Driver, 14L PDIP 10.0mV Quad CMOS Voltage Comparator w/ Push-Pull Driver, 14L PDIP
|
DB Lectro Inc.
|
LM2901 LMMC3302 LM339A LM339 LM2901DH |
QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Quad voltage comparator
|
NXP SEMICONDUCTORS Philips
|
TA7521P |
Dual Comparator Voltage Comparator
|
Toshiba
|
NTE943SM NTE943 NTE943M |
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator Integrated Circuit Low Power Low Offset Dual Voltage Comparator Integrated Circuit Low Power / Low Offset / Dual Voltage Comparator DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LT1011MH LT1011AMH LT1011AMJ8 LT1011MJ8 LT1011CS8 |
Voltage Comparator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 3000 uV OFFSET-MAX, 150 ns RESPONSE TIME, PDIP8
|
Linear Technology, Corp. LINER[Linear Technology]
|
ADCMP582BCP ADCMP580 ADCMP580BCP ADCMP581 ADCMP581 |
Ultrafast SiGe Voltage Comparator w/CML Output Drivers Ultrafast SiGe Voltage Comparator w/Reduced Swing NECL Output Drivers
|
AD[Analog Devices]
|
TC1028 |
The TC1028 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T
|
Microchip
|
LT6703HVCS5-2TRMPBF LT6703HVCS5-2TRPBF LT6703HVCS5 |
Micropower, Low Voltage Comparator with 400mV Reference; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C COMPARATOR, 29000 ns RESPONSE TIME, PDSO5 Micropower, Low Voltage Comparator with 400mV Reference; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C COMPARATOR, 29000 ns RESPONSE TIME, PDSO5 Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40° to 125°C COMPARATOR, 29000 ns RESPONSE TIME, PDSO3 Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: 0°C to 70°C COMPARATOR, 29000 ns RESPONSE TIME, PDSO3 Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40°C to 85°C COMPARATOR, 29000 ns RESPONSE TIME, PDSO3 Micropower, Low Voltage Comparator with 400mV Reference; Package: SOT; No of Pins: 3; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NJM319 |
VOLTAGE COMPARATOR
|
njr
|