PART |
Description |
Maker |
RP30-242.5SE RP30-241.8SE RP30-122.5SE RP30-121.8S |
Intelligent Power Modules (IPM) CIPOS™; Package: PG-MSIP-20; 20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
REC15-1205SRWZ REC15-483.3SRW REC15-483.3SRWH REC1 |
15 Watt 1?x 2?Single & Dual Output 15 Watt 1” x 2” Single & Dual Output 15 Watt 1x 2Single & Dual Output 15 Watt 1x 2Single & Dual Output 15瓦特1“2”单 15 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
RP15-2415SF RP15-2405SF RP15-2412SF RP15-483.3SF R |
15 Watt 2inch x 1inch Package Single & Dual Output 15寸x 1inch包单 CAP Tantalum-Wet Miniature 6V 47.0 uF /-20% Silver can Axial , TPC - Hilton 15 Watt 2inch x 1inch Package Single & Dual Output
|
Vectron International, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
RSS-3.31.8 RSS-1.81.8 RSS-051.8 RSS-3.33.3 RSS-050 |
1 Watt SMD Single & Dual Output 1瓦特贴片 1 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-483.3SRWZ_H1 REC2.2-0505DRW_H1 REC2.2-0505D |
2.2 Watt DIP24 Single & Dual Output 2.2瓦特DIP24 2.2 Watt DIP24 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|