PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJE5850 MJE5850-D MJE5851 |
Power 8A 300V Discrete PNP SWITCHMODE Series PNP Silicon Power Transistors Power 8A 350V Discrete PNP
|
ON Semiconductor
|
2N4920 2N4919 2N4918 2N491-D |
Medium-Power Plastic PNP Silicon Transistors GENERAL.PURPOSE POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BD13601 BD140-16 BD136 BD136-10 BD136-16 BD138 BD1 |
1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 PNP SILICON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics]
|
BDP952 BDP954 BDP956 |
General Purpose Transistors - SOT223 package PNP Silicon AF Power Transistors
|
INFINEON[Infineon Technologies AG]
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
2N3720 |
PNP Transistor Silicon PNP Power Transistors
|
Microsemi Corporation
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
ZTX750 ZTX751 ZTX751STOA |
Transient Voltage Suppressor Diodes 2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2SA969 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|