PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
BCM857BS BCM857BV BCM857BV115 BCM857DS135 BCM857DS |
PNP/PNP matched double transistors; Package: SOT457 (SC-74); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
2N2696CSM 2N2696CSMG4 |
Bipolar PNP Device in a Hermetically sealed LCC1 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 500MA I(C) | LLCC
|
Seme LAB SEMELAB LTD
|
SLA4340 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 4 A, 60 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR PNP NPN Darlington H-bridge
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
JANTXV2N3763L JANTX2N3763L JANTX2N3763 JAN2N3763L |
1500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP SWITCHING SILICON TRANSISTOR PNP Transistor
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation]
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2PA1774QJT/R 2PA1774RJ 2PA1774SJ 2PA1774RJT/R 2PA1 |
PNP general purpose transistor 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 490 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANS GP BJT PNP 50V 0.1A 3SOT490 T/R 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-89, 3 PIN
|
Philips Semiconductors / NXP Semiconductors NXP Semiconductors N.V.
|
ZXTD3M832TC ZXTD3M832 ZXTD3M832TA |
Dual PNP Low Sat Transistor MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR 3000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|