PART |
Description |
Maker |
CR40-010 CR40-040 CR40-060 CR40-020 CR40-100 CR20- |
Rectifiers, General Purpose 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 Rectifiers, General Purpose 20 A, 1200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 Rectifiers, General Purpose 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-5 Rectifiers, General Purpose 40 A, 1000 V, SILICON, RECTIFIER DIODE, DO-5 Rectifiers, General Purpose 40 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 Rectifiers, General Purpose 20 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
1N4004S 1N4007S 1N4001S 1N4001S-1N4007S 1N4006S 1N |
PLASTIC SILICON RECTIFIERS Silicon General Rectifiers
|
HY ELECTRONIC CORP.
|
M1A-M7A |
Silicon General Rectifiers
|
HY
|
P600A-P600M |
Silicon General Rectifiers
|
HY
|
CGRKM4001-HF CGRKM4002-HF CGRKM4004-HF CGRKM4003-H |
Halogen Free General Purpose Rectifiers, V-RRM=50V, V-R=50V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=100V, V-R=100V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=200V, V-R=200V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=600V, V-R=600V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=800V, V-R=800V, I-O=1A Halogen Free General Purpose Rectifiers, V-RRM=1000V, V-R=1000V, I-O=1A
|
Comchip Technology
|
1N5551 JANTXV1N5553 JAN1N5550 JAN1N5552 JAN1N5553 |
Military approved Amp,General Purpose 5 A, SILICON, RECTIFIER DIODE MSTBVA 2,5/22-G-5,08 RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
M4A5 M1P5 M1P1 M2G9 M5D1 M5M1 M1F9 M1B5 M5B5 M7P9 |
MEDIUM CURRENT SILICON RECTIFIERS (M2Kx) MEDIUM CURRENT SILICON RECTIFIERS Header, Breakaway Vertical; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:42375; Body Material:PA Polyamide KK 100 Hdr Assy Bkwy 30 Ckt Tin MEDIUM CURRENT SILICON RECTIFIERS 中型电流硅整
|
List of Unclassifed Manufac... EDAL List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
PBY277 1N1199A 1N1200A 1N1202A 1N1204A 1N1206A 1N3 |
Silicon-Power Rectifiers Silicon-Power Rectifiers 12 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 Silicon-Power Rectifiers 12 A, 800 V, SILICON, RECTIFIER DIODE, DO-4 Replacement with:PBY272R
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
CGRAT101L-HF CGRAT105L-HF CGRAT103L-HF |
Low VF SMD General Purpose Rectifiers Halogen Free Low VF General Purpose Rectifiers, V-RRM=200V, V-DC=200V, I-(AV)=1A
|
Comchip Technology
|
ACGRAT101L-HF ACGRAT102L-HF ACGRAT104L-HF ACGRAT10 |
Halogen Free Low VF General Purpose Rectifiers, V-RRM=200V, V-DC=200V, I-(AV)=1A Halogen Free Low VF General Purpose Rectifiers, V-RRM=400V, V-DC=400V, I-(AV)=1A Halogen Free Low VF General Purpose Rectifiers, V-RRM=800V, V-DC=800V, I-(AV)=1A Halogen Free Low VF General Purpose Rectifiers, V-RRM=1000V, V-DC=1000V, I-(AV)=1A Halogen Free Low VF General Purpose Rectifiers, V-RRM=600V, V-DC=600V, I-(AV)=1A
|
Comchip Technology
|
|