PART |
Description |
Maker |
XFATM-COMBO4-4M XFATM10-COMB04-4M XATM10CB44M-15 |
SINGLE PORT COMBO SINGLE PORTS COMBO QUAD PORT COMBO XFATM10-COMBO
|
XFMRS Inc.
|
AR1USB2-3698 |
Single Port RJ45 & Dual Port USB Combo
|
Allied Components International
|
XFGIB100APOL-CLXU2-4MS |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFATM9C-C2-4S |
DUAL PORT COMBO
|
XFMRS Inc.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
XFATM9-C1-2MS XFATM9-C1-2MS-15 |
DUAL PORT COMBO DUAL PORT COMBO
|
XFMRS Inc.
|
XFATM9-C1-2S XFATM9-C1-2S-15 |
DUAL PORT COMBO DUAL PORT COMBO
|
XFMRS Inc.
|
EX63222-71B EX63201-03B EX63201-0BB EX63310-P0B EX |
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
|
Axiomtek Co., Ltd.
|
IDT7008L20J IDT7008L20JB IDT7008L20JI IDT7008S_L I |
64K x 8 Dual-Port RAM From old datasheet system IC,SRAM,64KX8,CMOS,LDCC,84PIN,PLASTIC HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, CPGA84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 55 ns, PQCC84 HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology Inc Integrated Device Technology, Inc.
|
IDT70T35L25BFI IDT70T24L25PFI IDT70T24L20PFI IDT70 |
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM JFET-Input Operational Amplifier 8-PDIP 0 to 70 8K X 18 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|