PART |
Description |
Maker |
XF1416-EFD20S |
33W Forward Transformer
|
XFMRS Inc.
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
PHI920-33 PH1920-33 |
Low Power Zero-Drift Operational Amplifier with Internal Capacitors; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wireless Bipolar Power Transistor, 33W 1930 - 1990 MHz Wireless Bipolar Power Transistor/ 33W 1930 - 1990 MHz
|
Tyco Electronics
|
SIL10-05S0V8-V SIL10-05S1V8-V SIL10-05S2V5-V SIL10 |
8 TO 33W NON-ISOLATED DC/DC CONVERTERS
|
Artesyn Technologies
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
RA33H1516M1-201 |
154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
|
Mitsubishi Electric Semiconductor
|
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|