PART |
Description |
Maker |
SC810ULTRT SC810EVB |
Single Input/Single Mode Single-cell Li-ion Charger
|
Semtech Corporation
|
E0C63P366 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,Rewritable ROM,Segment LCD Driver,On-Board Writing
|
爱普生(中国)有限公
|
E0C63B07 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,ROM7 Segment Type LCD Driver0000 Gates of Gate Array(4位CMOS、低电压、单片微型计算机(含4位E0C63000中央处理器核RAM,ROM7段LCD驱动器,10000门阵列))
|
爱普生(中国)有限公
|
PE300511-2 PE300511-1 PE300511-3 |
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
|
Pasternack Enterprises, Inc.
|
HID35 HID35-S050060 HID35-S120030 HID35-S240012 HI |
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HSU160-13 HSU160-11 HSU160-10 HSU160-12 HSU160-15 |
AUTO-RANGING AC INPUT AC-DC 19 COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
SWFC5210A SWFC5210P SWFC5215A SWFC5215P SWFC5220A |
Mini Single Window Single Mode Fiber Coupler
|
OPLINK Communications Inc.
|
UU9LFNP-B-B222 UU9LFNP-B-B471 UU9LFHNP-HB681 UU9LF |
SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 CHOKE COMMON MODE 0.68MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 0.47MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 4.7MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 3.9MH PC MNT SINGLE PHASE EMI FILTER
|
Sumida, Corp. SUMIDA CORP
|
STB55NE06 5405 |
N-Channel Enhancement Mode "SINGLE FEATURE SIZETM " Power MOSFET(N沟道增强模式功率MOSFET) N沟道增强模式“的单一的功能SIZETM”功率MOSFET(不适用沟道增强模式功率MOSFET的) N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
HFCT-5953ATG HFCT-5953ATL HFCT-5953TG HFCT-5953TL |
HFCT-5953ATG · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI Shield HFCT-5953ATL · 622 Mbit/s SMF (15km) 2x5 SFF LC for SONET/SDH, ATM (OC-12) -40C to 85C: Multirate w/ EMI Shield HFCT-5953TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5953TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954ATG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954ATL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield
|
Agilent (Hewlett-Packard)
|
ADG842YKSZ-REEL ADG842 ADG841 ADG841YKSZ-500RL7 AD |
0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 0.28 Ω CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Closed for a Logic 1 Input
|
Analog Devices, Inc.
|