PART |
Description |
Maker |
FP2189-PCB1900S FP2189-PCB2140S FP2189 FP2189-PCB9 |
high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount 高性能1瓦异质结场效应晶体管(异质结场效应管)在低成本的SOT - 89表面贴装 high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
|
Electronic Theatre Controls, Inc. WJ Communications ETC[ETC] List of Unclassifed Manufacturers
|
GB162H GB162HHYBAMLA-V00 GB162HSGAANDA-V00 GB162HH |
POT,5K,RV16AF-10-20R1-B5K LINEAR,16MM,1/8 WATT,.531" CHARGER,BATTERY W/2 9V BATTERY 160mAh 9V BATTERYS(2)120VAC,2 SPEAKER,MICRO RD,8OHM,1.5-2.0W 2.0"Dx.342"H,600-3000Hz,2"/CO BREADBOARD,CONNEC,THRU-HOLE PATTERNS:USB,1394,RJ11,12,45,D POT,50K,RV16B-10-15R1-B50K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 POT,100K,RV16B-20-15R1-B100K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 POT,500K,RV16C-40-16F1-B500K LINEAR,16MM,1/5 WATT,.374",SW 规格液晶模块 POT,100K,RV16B-10-15R1-B100K LINEAR,16MM,1/5 WATT,.335",SW 规格液晶模块 PT,5K,RV16CF-40-16F1-B5K/ROHS LINEAR,16MM,1/5 WATT,.374",SW 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
PSA075-050-14 |
75 Watt Low Cost Open Frame Power Supply
|
Phihong USA Inc.
|
MAX8862 MAX8862ESE MAX8862LESE MAX8862RESE MAX8862 |
Low-Cost, Low-Dropout, Dual Linear Regulator
|
MAXIM[Maxim Integrated Products]
|
BHP205R0J BHP BHP20100F BHP20100G BHP20100J BHP201 |
Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
|
BITECH[Bi technologies]
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
|