PART |
Description |
Maker |
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF7350 IRF7350N IRF7350P IRF7350TR |
-100V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package 100V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss= -100V)
|
IRF[International Rectifier]
|
FDPF3860T |
100V N-Channel PowerTrench MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail N-Channel PowerTrench㈢ MOSFET 100V, 20A, 38.2mヘ N-Channel PowerTrench? MOSFET 100V, 20A, 38.2mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
AO4886 |
100V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductor...
|
JANTXV2N6845 2N6845 JANTX2N6845 |
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A) 功率MOSFET P沟道BVdss \u003d- 100V的,的Rds(on)\u003d 0.60ohm,身份证\u003d- 4.0a上) POWER MOSFET P-CHANNEL(BVdss=-100V/ Rds(on)=0.60ohm/ Id=-4.0A) Dual Wide-Bandwidth High-Output-Drive Op Amp w/Shutdown 14-PDIP -40 to 125
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
LT1804CDD LT1803CS5TRMPBF LT1804IDD LT1805 LT1805C |
Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 4 CHANNEL, VIDEO AMPLIFIER, PDSO14 Single/Dual/Quad 100V/µs, 85MHz, Rail-to-Rail Input and Output Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
|
Linear Technology, Corp.
|