PART |
Description |
Maker |
HER-48-090092-5 HER-48-150064-3 HER-48-060110-4 HE |
AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
SFPJ-73 FMJ-2303 RK33 MI1A3 SPJ-G53S AK03 EA03 EK0 |
Schottky Barrier Diodes 肖特基势垒二极管 HEAT SINK, TO-202, 10 C/W; Case style:TO-202; Thermal resistance:10(degree C)/W; Width, external:34.5mm; Depth, external:38mm; Length / Height, external:12.5mm; Material:Aluminium; Surface finish:Black Anodised; Centres, RoHS Compliant: Yes
|
Unknow Electronic Theatre Controls, Inc. ETC SANKEN[Sanken electric] http://
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MA8121K |
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
|
List of Unclassifed Man...
|
X24026Y-2.7 X24026Y X24026X X24026X-2.7 X24026 X24 |
PSU, DIN RAIL, 12V, 200MA; Power rating:2.4W; Current, output:200mA; Length / Height, external:73.2mm; Width, external:45mm; Depth, external:119.2mm; Frequency, supply max:63Hz; Frequency, supply min:47Hz; Regulation, line:0.05%; Serial E2PROM
|
XICOR[Xicor Inc.] http://
|
MP2229 |
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
|
Monolithic Power System...
|
ML4803CP-1 ML4803CP-2 ML4803CS-1 ML4803IP-1 ML4803 |
INDICATOR, T1, ROUND; Lamp fitting type:Bi-Pin; Diameter, panel cut-out:8mm; Depth, external:25mm; Length / Height, external:9mm; Temp, op. max:45(degree C); Temp, op. min:-25(degree C); Width, external:9mm; LED / lamp size:T1 RoHS Compliant: Yes 8-Pin PFC and PWM Controller Combo
|
MICRO-LINEAR[Micro Linear Corporation]
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
M48T129 M48T129Y-70PM1 M48T129V-85CS1 M48T129Y-85C |
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM Safety Sign; Legend:Danger Chlorine; External Height:7"; External Width:10"; Body Material:Polyester; Color:Red/Black RoHS Compliant: NA 3.3 - 5V兆位的SRAM 128KB的x8计时
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
Q62702-Y79-J Q62702-Y79-H Q62702-Y79-G Q62702-Y79 |
PNP SILICON PLANAR TRANSISTORS 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 进步党硅平面型晶体管 Safety Sign; Legend:No Smoking (With Picture); External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/Black RoHS Compliant: NA 进步党硅平面型晶体管
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MT4LC16M4G3DJ-6S MT4LC16M4G3TG-5S MT4LC16M4G3DJ-5 |
BOX, POLYCARBONATE IP67 GREY LIDBOX, POLYCARBONATE IP67 GREY LID; Length / Height, external:65mm; Width, external:170mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:170mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 BOX, POLYCARBONATE IP67 GREY LIDBOX, POLYCARBONATE IP67 GREY LID; Length / Height, external:85mm; Width, external:140mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 DRAM 内存
|
Micron Technology, Inc.
|