PART |
Description |
Maker |
SPC-03-ELR-43CDFM SPC-03-ELR-55CDFM SPC-03-ELR-51C |
FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1558nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1525-1538nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1445-1458nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE
|
Infineon Technologies AG SPC Technology
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
FTM-3001C-SL15IG FTM-3001C-SL15G FTM-3001C-SL40G F |
155Mbps SFP Transceiver with Spring Latch
|
Source Photonics, Inc.
|
C-13-155-T-SSC3-55 C-13-155-T-SSC3-55-G5 C-13-155- |
FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR 155 Mbps Single Mode Transceiver
|
Source Photonics, Inc.
|
C-13-155-F-SLC3A-12-G5 C-13-155-F-SLC5A-12-G5 C-13 |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
B-13-155-T-SST3G5 B-13-155-T3-SST3G5 B-13-155C-T-S |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-15-13-155-T-SFC7-G5 B-15-13-155-T3-SFC7-G5 B-15- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
http:// Source Photonics, Inc.
|
MAX364611 MAX3646ETGT |
155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
|
Maxim Integrated Products
|
FTM-3128C-SL15BG |
155M垄娄2.67Gbps Spring-latch SFP Transceiver 155M?.67Gbps Spring-latch SFP Transceiver
|
Source Photonics, Inc.
|
|