PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FDC20-12S12 FDC20-12T3312 FDC20-12T3315 FDC20-24T0 |
20 WATTS OUTPUT POWER
|
Power Mate Technology Co., LTD
|
SDC20-48S3P3 SDC20-48S05 SDC20-48S12 SDC20-48S15 S |
20 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
TEN06-05D12 TEN06-05S05 TEN06-05S12 TEN06-05S33 TE |
6 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
QEB50-48S1P8 |
50 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology C...
|
LANEUW1209R3 |
3 Watts Maximum Output Power
|
Wall Industries,Inc.
|
TEA1P5-05S05 TEA1P5-05D12 TEA1P5-05S12 TEA1P5-05S3 |
1.5 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
MDS500L |
new pulsed power transistor designed to provide 500 watts output power
|
Micrel Semiconductor
|
LGA-HTSK-KIT-048 LGA03C-00SADJJ LGA03C-00SADJJ-15 |
15 - 100 Watts POWER 3, 6, 10 and 20 A output current rating Power
|
Artesyn Technologies
|
PFKC03-05S05 PFKC03-12D05 PFKC03-12D12 PFKC03-24S1 |
3 WATTS REGULATED OUTPUT POWER 3瓦的输出功率
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Power Mate Technology
|
PSPD25 PSPD-2512 PSPD-2515 PSPD-2505 PSPD-25A PSPD |
Dual Output Up to 25 Watts AC/DC Power Supply
|
Wall Industries,Inc.
|