PART |
Description |
Maker |
CST-535V9 CST-534V9 |
0.56 Inch Triad Digit Display
|
China Semiconductor Corporation
|
CST-835T9 CST-836T9 |
0.8 Inch Triad Digit Display
|
China Semiconductor Corporation
|
CST-5235M9 CST-5234M9 |
0.52 Inch Triad Digit Display
|
China Semiconductor Corporation
|
CST-5235V9 CST-5234 |
0.52 Inch Triad Digit Display
|
China Semiconductor Corporation
|
CST-S30320G CST-S30321G |
0.3 Inch Triad Digit SMD Display
|
China Semiconductor Corporation
|
CST-S30320T9 CST-S30321T9 |
0.3 Inch Triad Digit SMD Display
|
China Semiconductor Corporation
|
CST-S30320A9 CST-S30321A9 |
0.3 Inch Triad Digit SMD Display
|
China Semiconductor Corporation
|
CST-532A9 |
(CST-532A9 / CST-533A9) 0.56 Inch Triad Digit Display
|
China Semiconductor Corporation
|
CST-5235E |
(CST-5234E / CST-5235E) 0.52 Inch Triad Digit Display
|
China Semiconductor Corporation
|
MSQ6911 MSQ6441C MSQ6911C MSQ6941C MSQ6111C MSQ614 |
0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY From old datasheet system 0.56 INCH (14.2MM) FOUR DIGIT STICK DISPLAY High Efficiency Red 0.56 inch (14.2 mm) Three Digit Stick Display
|
FAIRCHILD [Fairchild Semiconductor] FAIRCHILD[Fairchild Semiconductor]
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|