PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3401LE LTS3401LE |
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-547AG |
0.52 inch (13.2mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-40011EX-10 FYS-40011FX-20 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4312BX-30 FYS-4312AX-40 FYS-4312AX-41 |
0.43 Inch (11.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3014BX-01 |
0.30 Inch (7.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-12012BX-30 FYS-12012AX-40 FYS-12012AX-41 |
1.20 Inch (30.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5014BX-00 FYS-5014BX-01 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-15011BUW-X1 FYS-15011BX-01 FYS-15011BX-02 FYS- |
1.50 Inch (38.10mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|