PART |
Description |
Maker |
MAN6160E MAN6180E MAN6480E MAN6460E MAN6980E MAN69 |
Green 0.560 inch Single digit stick display, common anode 0.56 INCH (14.2MM) SINGLE DIGIT STICK DISPLAY 0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
|
FAIRCHILD[Fairchild Semiconductor]
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3401LE LTS3401LE |
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
NTE3071 NTE3068 NTE3070 NTE3069 |
0.4?/a> Single Digit Numeric Display Seven Segment, RHDP 0.4 Single Digit Numeric Display Seven Segment / RHDP 0.4” Single Digit Numeric Display Seven Segment, RHDP 0.4 Single Digit Numeric Display Seven Segment RHDP 0.4 Single Digit Numeric Display Seven Segment, RHDP Orange 0.4 inch single digit numeric display, seven segment, RHDP. Red 0.4 inch single digit numeric display, seven segment, RHDP. 0.4Single Digit Numeric Display Seven Segment, RHDP
|
NTE[NTE Electronics]
|
FYS-40011HX-00 FYS-40011GX-00 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-12012BX-30 FYS-12012AX-40 FYS-12012AX-41 |
1.20 Inch (30.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5013DX-00 FYS-5013DX-02 FYS-5013DX-10 FYS-5013 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5011BX-04 |
0.50 Inch (12.70mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|