PART |
Description |
Maker |
TC1068 |
SMBus Thermal Sensor The TC1068 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on-board integrated thermal diodes. Temperature data is converted from the CPU’s thermal diode outputs and made avail
|
Microchip Technology
|
EMC1428-1-AP EMC1428-6-AP |
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
|
SMSC Corporation
|
726-0200-01 726-0600-01 726-0400-01 726-0800-01 72 |
STOEPSEL XLR ROT 2 Inhalt pro Packung: 25 Stk. STOEPSEL XLR BLAU 6 Inhalt pro Packung: 25 Stk. STOEPSEL XLR GELB 4 Inhalt pro Packung: 25 Stk. 1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown High-Frequency, Regulated, 200mA, Inverting Charge Pump STOEPSEL侬博1 Inhalt亲Packung5沙头角
|
Electronic Theatre Controls, Inc.
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
854X6 853X25 854X25 855X25 856X25 754080 8525X12 8 |
SCHRAUBE LINSE SCHLITZ M4 6MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M3 25MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M4 25MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M5 25MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M6 25MM Inhalt pro Packung: 100 Stk. 250mA CMOS LDO, lsupply 1uA and 2% Vout Accuracy, -40C to 125C, 3-SOT-23, T/R SCHRAUBE LINSE SCHLITZ M2.5 12MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M2.5 16MM Inhalt pro Packung: 100 Stk. SCHRAUBE LINSE SCHLITZ M2.5 6MM Inhalt pro Packung: 100 Stk. SCREW S/S P/H M5X35 BX50 Inhalt pro Packung: 50 Stk. SCREW S/S P/H M5X45 BX50 Inhalt pro Packung: 50 Stk. SCREW S/S P/H M6X35 BX50 Inhalt pro Packung: 50 Stk. SCREW S/S P/H M6X45 BX50 Inhalt pro Packung: 50 Stk. SCHRAUBE LINSE SCHLITZ M3.5 12MM Inhalt pro Packung: 100 Stk. SCHRAUBE林瑟施利茨M3.5 12毫米Inhalt亲Packung00沙头角 SCHRAUBE LINSE SCHLITZ M6 40MM Inhalt pro Packung: 50 Stk. SCHRAUBE林瑟施利茨M60毫米Inhalt亲Packung50沙头角 SCHRAUBE LINSE SCHLITZ M4 20MM Inhalt pro Packung: 100 Stk. SCHRAUBE林瑟施利茨用m4 20毫米Inhalt亲Packung00沙头角 SCHRAUBE LINSE SCHLITZ M4 30MM Inhalt pro Packung: 100 Stk. SCHRAUBE林瑟施利茨用m4 30毫米Inhalt亲Packung00沙头角
|
NXP Semiconductors N.V. Vishay Intertechnology, Inc. Intel, Corp. Sanyo Electric Co., Ltd.
|
D25SB10 D25SB20 D25SB40 D25SB60 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified. 最大额定
|
乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
SR-4080W SR-2632B SR-3570W SR-2655B SR-4070B SR-35 |
SCHNELLKOPFNIETE PLASTIK WEI REF40 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK SCHW REF1 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF36 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK SCHW REF4 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK SCHW REF18 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK SCHW REF15 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF39 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF25 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF22 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF27 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF26 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF24 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK WEI REF23 Inhalt pro Packung: 100 Stk. SCHNELLKOPFNIETE PLASTIK SCHW REF2 Inhalt pro Packung: 100 Stk.
|
|
LM75B LM75BD LM75BDP LM75BGD |
Digital temperature sensor and thermal watchdog
|
NXP Semiconductors N.V.
|
MCP9700-E/TO MCP9700AT-E/TT MCP9700T-H/LTVAO MCP97 |
Thermal Management Products- Temperature Sensors
|
Microchip
|
STLM75M2E STLM75M2F STLM75DS2E STLM75DS2F STLM75 |
Digital temperature sensor and thermal watchdog
|
STMicroelectronics
|
TCN75A |
Thermal Management Products- Temperature Sensors
|
Microchip
|