PART |
Description |
Maker |
AVAF08X-XX-NF |
AV/AF08X-XX-N/F ATTENUATOR, OUTLINE
|
Advanced Technical Materials Inc.
|
AS013-10-1 AS013-60-10 AS013-70-10 AS013-XX |
OUTLINE, ROTARY STEP ATTENUATOR
|
Advanced Technical Materials Inc.
|
AFL3X-15 |
OUTLINE, AFL3X-15 COAX ATTENUATOR
|
Advanced Technical Materials Inc.
|
AV08-XX-28 |
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
|
Advanced Technical Materials Inc.
|
28-620A-30-X-X |
OUTLINE WR28, TURNS COUNTING DIAL VARIABLE ATTENUATOR
|
Advanced Technical Materials Inc.
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
QSOP |
Shrink Small Outline, Quarter-Size Small-Outline Packages
|
Amkor Technology
|
RF2421 RF2421PCBA |
10dB SWITCHED ATTENUATOR 500 MHz - 3000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 10.5 dB INSERTION LOSS-MAX
|
RF Micro Devices, Inc. RFMD[RF Micro Devices]
|
ATN3580-12 ATN3580-05 ATN3580-04 |
Fixed Attenuator Pads 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR 14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: PLCC; No of Pins: 28; Temperature Range: Commercial 100 MHz - 40000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
Skyworks Solutions, Inc.
|
MAAD-007080-000100 MAAD-007080-0001TB MAAD-007080- |
0 MHz - 2400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 6 dB INSERTION LOSS-MAX Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
|
Tyco Electronics
|
94302-11 |
50 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz 0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.75 dB INSERTION LOSS-MAX
|
Peregrine Semiconductor, Corp.
|