PART |
Description |
Maker |
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
FCP9N60N FCPF9N60NT |
N-Channel MOSFET 600V, 9A, 0.385Ω N-Channel MOSFET 600V, 9A, 0.385惟 N-Channel MOSFET 600V, 9A, 0.385楼?
|
Fairchild Semiconductor
|
STW16NB60 |
N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMeshMOSFET N沟道600V 0.3ohm - 16A条,247 PowerMesh⑩MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh⑩ MOSFET N-CHANNEL 600V 0.3 OHM 16A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQU1N60C FQD1N60C FQD1N60CTF FQD1N60CTM FQU1N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
FCA47N60 FCH47N60 |
600V N-Channel MOSFET 47 A, 600 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 600V N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQP5N60C FQPF5N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STW10NB60 6241 |
N-CHANNEL Power MOSFET N - CHANNEL 600V - 0.69 - 10A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|