PART |
Description |
Maker |
STF9NK60ZD STB9NK60ZD STB9NK60ZDT4 STP9NK60ZD |
N-CHANNEL 600V - 0.85 OHM - 7A TO-220/TO-220FP/D2PAK FAST DIODE SUPERMESH MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/TO-220FP/DPAK SUPERFREDMESH MOSFET From old datasheet system N-CHANNEL 600V - 0.85? - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET N-CHANNEL 600V - 0.85 - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
STP11NM60A STP11NM60AFP STB11NM60A-1 |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
STS1NK60Z 9448 S1NK60Z |
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 13 OHM 0.25A SO-8 ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH?/a> Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQP6N60C FQPF6N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|