PART |
Description |
Maker |
MC9S12C32CFAE25 MC9S12C32CFA16 MC9S12C32CFA25 MC9S |
MC9S12C Family MC9S12GC Family Reference Manual
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AMD-K6-166ALR AMD-K6233AFR AMD-K6200AFR AMD-K6300A |
Processor AMD-K6 family, operating voltage=3.1V.3V, 166MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 233MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 200MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 300MHz
|
Advanced Micro Devices
|
AS4C4M4E1Q AS4CM4E1Q-50 AS4CM4E1Q-60 AS4CM4EOQ AS4 |
Thick Film Chip Resistor - RMC 1 3.9 5% R 4米4的CMOS QuadCAS的DRAM(江户)家庭 4M X 4 CMOS Quad CAS DRAM (EDO) family 4M x 4 CMOS QuadCAS DRAM (EDO) family
|
Analog Devices, Inc. ALSC[Alliance Semiconductor Corporation]
|
E28F004S5-85 E28F004S5-120 28F016S5 28F008S5 E28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 12V/5V Input Buck PWM Controller Evaluation Kit/Evaluation System for the MAX5946A, MAX5946L BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 85 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
TOPP244R TOP242-249 TOP243P TOP245Y TOP242G |
Family Extended Power/ Design Flexible/Integrated Off-line Switcher Family Extended Power, Design Flexible,Integrated Off-line Switcher 家庭扩展的电源,设计灵活,集成的离线切换 Family Extended Power, Design Flexible,Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDIP7 Family Extended Power / Design Flexible / Integrated Off-line Switcher
|
Power Integrations Inc. Power Integrations, Inc. POWER INTEGRATIONS INC
|
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
ATF2500C ATF2500C-20JI ATF2500C-20PC ATF2500C-15JC |
ATF2500C CPLD Family Datasheet ATF2500C CPLD Family Datasheet High-performance, High-density, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司
|
FM1008-200DC FM1008-200SC FM1008-200PC FMX1308-200 |
1024-16384-bit nonvolatile static RAM family 1024-16384-bit nonvlatile static ram family NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International Corp. Ramtron International, Corp.
|
E28F004SC-85 28F008SC 28F016SC G28F008SC-150 G28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 8-MBIT SmartVoltage FlashFile Memory(8M位智能电压闪速存储器) 16-MBIT SmartVoltage FlashFile Memory(16M位智能电压闪速存储器) BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 85 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 字节宽SmartVoltage FlashFile Memory系列486兆比 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 120 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 100 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 2M X 8 FLASH 3.3V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
MPC860UM MPC860UMAD |
Errata to the MPC860 PowerQUICC Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC⑩ Family User’s Manual, Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual Rev. 2 Errata to the MPC860 PowerQUICC Family Users Manual, Rev. 2 Errata to the MPC860 PowerQUICCFamily UserManual, Rev. 2
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|