PART |
Description |
Maker |
78285-0001 78320-0001 78103-0001 78109-0001 |
Micro SATA
|
Molex Electronics Ltd.
|
PM8380 |
4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC 4通道多路复用器和连接扩展为的SAS,SATA,以太网FC From old datasheet system
|
PMC-Sierra, Inc.
|
U338000SATA |
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
|
Tripp Lite. All Rights ...
|
SYS-1U1320-4A02 |
1U Intel垄莽 Core垄芒 2 Quad ATX System with Two SATA HDD Trays 1U Intel? Core 2 Quad ATX System with Two SATA HDD Trays
|
Advantech Co., Ltd.
|
TS1TSJ35U TS15TSJ35U TS500GSJ35U TS0GSJ35U |
Works with all 3.5 SATA hard drives Works with all 3.5隆卤 SATA hard drives
|
Transcend Information. Inc.
|
MAX153CPPCGP |
1Msps, µP Compatible, 8-Bit ADC with 1µA Power Down
|
MAXIM - Dallas Semiconductor
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
67491-1036 67491-1032 67491-1039 67491-1031 67491- |
1.27MM HIGH SPEED SERIAL PLUG VERT. TYPE 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG SATA;CIRCUIT=7;P=1.27MM;THRU;S/T 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG SATA system plug vertical w/ Peg (30u)
|
Molex, Inc. MOLEX INC
|
PCM-9584F-00A2E PCM-9584FG-00A2E PCM-9584Z-S0A2E P |
Onboard Intel垄莽 Pentium垄莽 M EBX SBC with Audio, VGA/2 LVDS (36-bit, 48-bit)/2 GbE LAN/Audio/4 COM/6 USB/2 SATA Onboard Intel庐 Pentium庐 M EBX SBC with Audio, VGA/2 LVDS (36-bit, 48-bit)/2 GbE LAN/Audio/4 COM/6 USB/2 SATA Onboard Intel? Pentium? M EBX SBC with Audio, VGA/2 LVDS (36-bit, 48-bit)/2 GbE LAN/Audio/4 COM/6 USB/2 SATA
|
Advantech Co., Ltd.
|
963-013 |
SATA / eSATA
|
Glenair, Inc.
|
SATA-A6-NP-RU |
SATA CONNECTOR
|
Adam Technologies, Inc.
|
FSA01G-100RS FSA02G-100RS FSA04G-100 FSA08G-100 FS |
SATA II standard interface
|
Axiomtek Co., Ltd.
|