PART |
Description |
Maker |
59065-3-T-01-A 59070-3-T-01-A 59065-3-T-01-C 59070 |
Threaded Barrel Features and Benefits
|
http:// HAMLIN Position and Movement Sensor Solutions
|
72913-0 72912-0 5931-0 3265 3261 |
Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, solder tab, black INTERCONNECTION DEVICE Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, threaded stud, black INTERCONNECTION DEVICE Banana Jack; For Use With:Pomona Types 5907A, 5908A, 5909A Sheathed DMM Test Leads; Insulator Material:Nylon; Mounting Type:Panel; Panel Thickness Max:0.28" RoHS Compliant: Yes INTERCONNECTION DEVICE Connector RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
53M15-02-1-24N-C 53M15-01-1-24N-C 57HS22-05-1-16N- |
1.125 Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED Multi-Deck Rotary Switches ROTARY SWITCH-2POSITIONS, 3PDT, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, 3P5T, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 5PDT, LATCHED, 0.25A, 30VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, SP24T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 3PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-8POSITIONS, 3P8T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 7PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED Smallest Diameter Rotary Switch with this Number of Positions and Current Capacity
|
Grayhill, Inc. GRAYHILL INC
|
04-4431 06-4433 04-4103 04-1104-20 04-3341 |
ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, 16P3T, LATCHED, 1.5A, 1VDC, PANEL MOUNT-THREADED ROTARY SWITCH-24POSITIONS, 4P24T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 2A, 2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-4POSITIONS, 9P4T, LATCHED, 2A, 2VDC, PANEL MOUNT-THREADED
|
ELMA ELECTRONIC INC
|
16285 16285-A |
Slim Power Relay, 1 Form A, 6A 250VAC, Silver Alloy Contact HTSNK, C LONG. .4H LOW FLOW, THREADED HTSNK C LONG. .4H LOW FLOW THREADED
|
VICOR[Vicor Corporation]
|
2TL91-5 2TL91-21 |
TOGGLE SWITCH, DPDT, LATCHED AND MOMENTARY, 18A, 28VDC, PANEL MOUNT-THREADED TOGGLE SWITCH, DPST, LATCHED, 20A, 28VDC, PANEL MOUNT-THREADED
|
HONEYWELL SENSING AND CONTROL
|
2TL1-21K 2TL1-2D 2TL1-5N |
TOGGLE SWITCH, DPST, LATCHED, 20A, 28VDC, PANEL MOUNT-THREADED TOGGLE SWITCH, DPDT, LATCHED AND MOMENTARY, 18A, 28VDC, PANEL MOUNT-THREADED
|
HONEYWELL SENSING AND CONTROL
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
60757A101 0011184661 |
Barrel Form Punch
|
Molex Electronics Ltd.
|
P10-12R-L P10-8R-D P10-8R-L P10-6R-D P10-6R-L P10- |
NON-INSULATED, 12-10 BARREL, RINGS
|
PANDUIT CORP.
|
011-11-0068 011-11-0069 11110068 11110069 0011-11- |
Barrel Form Punch
|
Molex Electronics Ltd.
|
PDSP1601GC1R PDSP1601MC PDSP1601-MC PDSP1601 |
ALU and Barrel Shifter
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
|