PART |
Description |
Maker |
CMLDM8002A CMLDM8002AJ |
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 0.28 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
CPH3307 |
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications N-Channel Silicon MOSFET
|
SANYO[Sanyo Semicon Device]
|
3HP04SS |
200 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
2SJ596 2SJ596TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 8A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
2SK3521 2SK3521-01SJ 2SK3521-01S 2SK3521-01L |
N-CHANNEL SILICON POWER MOSFET From old datasheet system N-CHANNEL SILICON POWER MOSFET 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FUJI[Fuji Electric] Fuji Electric Holdings Co., Ltd.
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
2SK3560 |
Silicon N-channel power MOSFET For PDP/For high-speed switching 30 A, 230 V, 0.074 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SK3781-01R |
DIODE SCHOTTKY SINGLE 25V 200mW 0.33V-vf 200mA-IFM 2mA-IF 0.5uA-IR SOD-323 3K/REEL 73 A, 200 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|