PART |
Description |
Maker |
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
151-05 151-08 151-07 151-09 152-05 164-18 164-04 1 |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 90V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 6A I(C) | TO-82 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 90V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 90V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 10A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 6A I(C) | TO-82 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 6A I(C) | TO-82 晶体管|晶体管|叩| 100V的五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管|叩| 180V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管|叩| 50V五(巴西)总裁| 6A条一c)|2 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 100V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 60V的五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 50V五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 70V的五(巴西)总裁|甲一(c)| STR-5/16
|
Samsung Semiconductor Co., Ltd. Molex, Inc. Intel, Corp.
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC5346 2SC5346S |
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 50MA I(C) | SC-71VAR 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
|
Panasonic, Corp. Matsshita / Panasonic Panasonic Semiconductor
|
2N2915 2N2913 2N2917 2N2915CECC 2N2913CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TE Connectivity, Ltd.
|
PEMH13 PUMH13 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=4.7千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
UPA804TC UPA804 UPA804TC-T1 PA804TC |
NPN Epitaxial Transisitor(NPN澶?欢?朵?绠? NPN Epitaxial Transisitor(NPN外延晶体 NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
|
NEC Corp. NEC[NEC]
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|