PART |
Description |
Maker |
CR12-120 CR12-010 CR16-020 CR12-020 CR20-040 CR16- |
Rectifiers, General Purpose 12 A, 1200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 100 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 16 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 200 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 20 A, 400 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 16 A, 100 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 800 V, SILICON, RECTIFIER DIODE, DO-4 Rectifiers, General Purpose 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 600 V, SILICON, RECTIFIER DIODE, DO-4 16 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4
|
Central Semiconductor, Corp. Vishay Intertechnology, Inc. CENTRAL SEMICONDUCTOR CORP
|
1N4001-1N4007 |
Silicon General Rectifiers
|
HY
|
1A1-1A7 |
Silicon General Rectifiers
|
HY
|
CMR1-02M CMR1-02M-15 |
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
|
Central Semiconductor C...
|
QG802C-C QG801C-C QG803C-C QG804C-C QG805C-C QG806 |
8.0 Amp Surface Mount Silicon General Purpose Rectifiers
|
SeCoS Halbleitertechnol...
|
1N5404 1N5408 1N5407 1N5405 1N5400 1N5401 1N5402 1 |
3.0 Ampere General Purpose Rectifiers(平均整流3.0安培的通用整流 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M4A5 M1P5 M1P1 M2G9 M5D1 M5M1 M1F9 M1B5 M5B5 M7P9 |
MEDIUM CURRENT SILICON RECTIFIERS (M2Kx) MEDIUM CURRENT SILICON RECTIFIERS Header, Breakaway Vertical; Number of Contacts:2; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:42375; Body Material:PA Polyamide KK 100 Hdr Assy Bkwy 30 Ckt Tin MEDIUM CURRENT SILICON RECTIFIERS 中型电流硅整
|
List of Unclassifed Manufac... EDAL List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
S3ABF |
Surface Mount General Purpose Silicon Rectifiers
|
Xian Semipower Electron...
|
ACGRBT202-HF ACGRBT203-HF ACGRBT201-HF ACGRBT205-H |
Halogen Free General Purpose Rectifiers, V-RRM=400V, V-R=400V, I-O=2A Halogen Free General Purpose Rectifiers, V-RRM=600V, V-R=600V, I-O=2A Halogen Free General Purpose Rectifiers, V-RRM=200V, V-R=200V, I-O=2A Halogen Free General Purpose Rectifiers, V-RRM=1000V, V-R=1000V, I-O=2A Halogen Free General Purpose Rectifiers, V-RRM=800V, V-R=800V, I-O=2A
|
Comchip Technology
|
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MCR72-8 MCR72-3 MCR72-6 ON1829 MCR72-D |
Sensitive Gate Silicon Controled Rectifiers Reverse Blocking Thyristor SCRs 8 AMPERES RMS 100 thru 600 VOLTS SENSITIVE GATE SILICON CONTROLLED RECTIFIERS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
|