PART |
Description |
Maker |
STM1068C30F38F STM1068C35F38F STM106845F38F STM106 |
Smart voltage supervisor
|
STMicroelectronics
|
MAX1840 MAX1840EUB MAX1841EUB 2222 MAX1841 |
Low-Voltage SIM/Smart Card Level Translators in uMAX Low-Voltage SIM/Smart-Card Level Translators in µMAX Low-Voltage SIM/Smart Card Level Translators in MAX Low-Voltage SIM/Smart Card Level Translators in μMAX From old datasheet system Low-Voltage SIM/Smart Card Level Translators in レMAX
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LH28F016SCHB LH28F016SCHB-L95 LHF16C13 LH28F016SCR |
LH28F016SCHSR-L120 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP LH28F016SCHSR-L150 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP LH28F016SCN-L100 16M (2M x 8)Smart Voltage Flash Memory 16Mbit Flash Memory LH28F016SCR-L100 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCR-L120 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCR-L95 16M (2M x 8)Smart Voltage Flash Memory LH28F016SCHSR-L100 16M (2M x 8)Smart Voltage Flash Memory 40 pin STSOP
|
SHARP[Sharp Electrionic Components]
|
X40010S8-A X40010V8I-A X40015V8I-C X40014V8-C X400 |
Dual voltage monitoring CPU supervisor with power-on-reset, low voltage reset, watchdog timer, fault detection register, WDO output, active high reset RECTIFIER DIODES,COMMON CATHODE,1.5KV V(RRM),MODULE-S RS232 CURRENT LOOP INTRFACE General Purpose Relay 双电压监视器集成CPU监控 Dual Voltage Monitor with Integrated CPU Supervisor 双电压监视器集成CPU监控 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双电压监视器集成CPU监控
|
Xicor Intersil, Corp.
|
SG6510D1 SG6510X1 |
PC power supply supervisor to provide the voltage supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors
|
System General (SG) ETC[ETC] List of Unclassifed Manufacturers
|
LH28F008SCHB-V90 LH28F008SCHR-V90 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 42pin CSP 8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin TSOP
|
SHARP
|
M41ST85WMH6 |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
|
STMicroelectronics
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
AN895 |
A VOLTAGE SUPERVISOR USING THE TSM101
|
SGS Thomson Microelectronics
|
MIC809L MIC809M MIC809S MIC809T |
Dual Voltage Supervisor
|
Micrel Semiconductor
|