PART |
Description |
Maker |
MAX3981UGH MAX3981 |
3.3 V, 3.125 Gbps XAUI quad cable equalizer 3.125Gbps XAUI Quad Cable Equalizer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
BCM8022 |
XAUI to 10GBASE-CX4 Retimer
|
Broadcom
|
BCM8702 |
10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
|
Broadcom Corp.
|
BCM8727BIFBG |
DUAL-CHANNEL 10-GBE SFI-TO-XAUI TRANSCEIVER WITH EDC
|
Broadcom Corporation.
|
UPF01002 |
10 Gigabit/s Ethernet Transceiver with OC-192c Framer and XAUI Interface
|
INFINEON[Infineon Technologies AG]
|
MAX3980UGH MAX3980UTH |
3.125Gbps XAUI Quad Equalizer DATACOM, INTERFACE CIRCUIT, QCC44
|
Maxim Integrated Products, Inc.
|
NU-73D74D-RG NU-73D74D-PG |
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
|
Optoway Technology Inc
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
PI3HDMI412FT-AZHE PI3HDMI412FT-ABE |
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch 2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch 2:1复用/解复用高带宽( Gbps)的HDMI 1.3的兼容信号开
|
Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
VSC8479 |
9.95 Gbps to 11.3 Gbps 16-bit Transceiver 9.95 Gbps to 11.3 Gbps 16 Bit Transceiver
|
VITESSE[Vitesse Semiconductor Corporation]
|