PART |
Description |
Maker |
MDS-189PIN |
High Level Termination Insensitive Mixer / 1 - 3500 MHz
|
Tyco
|
NB7L1008M |
Multi-Level Inputs w/ Internal Termination
|
ON Semiconductor
|
NB6VQ572M NB6VQ572MMNG NB6VQ572MMNR4G |
Multi−Level Inputs w/ Internal Termination
|
ON Semiconductor
|
NB4L16MMNEVB |
2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
|
ON Semiconductor
|
NB4L52MNR2G NB4L52MNG NB4L52_07 NB4L52 NB4L5207 |
2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
|
ONSEMI[ON Semiconductor]
|
HT0130P HT0130X HT01 HT0130 HT0130D HT0130LC HT013 |
8-channel logic to high-voltage level transistor. 300V. 8 - Channel Logic To High-Voltage Level Translator
|
Supertex Inc SUTEX[Supertex, Inc] Supertex Inc
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
1431-3 |
High Power Coaxial Termination
|
Weinschel Corp.
|
050910-0002 |
D*M High reliable D-Sub Connectors with crimp termination
|
ITT Industries
|
050912-0002 |
D*M High reliable D-Sub Connectors with crimp termination
|
ITT Industries
|
PAC470R4GQR PAC470R4GQT PAC560R4GQR PAC560R4GQT PA |
HIGH PERFORMANCE BUS TERMINATION NETWORK
|
California Micro Device... CALMIRCO[California Micro Devices Corp]
|