PART |
Description |
Maker |
LANC1212DW8 LANC1212DW8-S |
DC/DC Converter 9-18 VDC Input 【12 VDC Output at 【0.333A DC/DC Converter 9-18 VDC Input ±12 VDC Output at ±0.333A DC/DC Converter 9-18 VDC Input 隆戮12 VDC Output at 隆戮0.333A
|
Wall Industries,Inc.
|
ATF-38143- ATF38143 ATF-38143-BLK ATF-38143-TR1 AT |
DC-DC Converter, 15Watt, Input VDC: 18~75, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MPQ24S5-50 MPQ24S5-50B MPQ24S5-50C MPQ24S5-50R |
50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LANC4805UW12-S |
DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC2433UW12 LANC2433UW12-S |
DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4812W12 LANC4812W12-S |
DC/DC Converter 36-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC1212W12 |
DC/DC Converter 9-18 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
SLIN-06E1A0 SLIN-06E1AL SLIN-06E1AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
|
Bel Fuse Inc.
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|