PART |
Description |
Maker |
FC250F1 |
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
|
MACOM[Tyco Electronics]
|
JFW050F JFW050F1 |
IC Converter DC-DC Step Down 48VIN Power Module: dc-dc Converter, 36 to 75 Vdc Input, 3.3 Vdc Output
|
Tyco Electronics
|
LANC4815DW12 LANC4815DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮15 VDC Output at 隆戮0.4A DC/DC Converter 36-75 VDC Input ±15 VDC Output at ±0.4A
|
Wall Industries,Inc.
|
LANC4805DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮5.0 VDC Output at 隆戮1.2A DC/DC Converter 36-75 VDC Input ±5.0 VDC Output at ±1.2A
|
Wall Industries,Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
LANC1212DW8 LANC1212DW8-S |
DC/DC Converter 9-18 VDC Input 【12 VDC Output at 【0.333A DC/DC Converter 9-18 VDC Input ±12 VDC Output at ±0.333A DC/DC Converter 9-18 VDC Input 隆戮12 VDC Output at 隆戮0.333A
|
Wall Industries,Inc.
|
LANC4812DW8 |
DC/DC Converter 36-75 VDC Input ±12 VDC Output at ±0.333A
|
Wall Industries,Inc.
|
LANC242.5W12-S LANC242.5W12 |
DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC243.3W12-S LANC243.3W12 |
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4805DW8 |
DC/DC Converter 36-75 VDC Input ±5.0 VDC Output at ±0.8A
|
Wall Industries,Inc.
|
LANC2412W12 |
DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|